Part Number Hot Search : 
0732G ST1510FX 46010 ON1271 CS5165H 1SS214 EM74XXX RX5000
Product Description
Full Text Search
 

To Download PMR209MC6220M150R30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs compliant 250 vac 50/60 hz, 630 vdc 0.047 C 0.47 f 20% 22 C 470 ? 30% 1000 v C40 to +85c 40/085/56/b enec, ul the series resistance is defned at 1 khz for rc 50 s and at 100 khz for rc < 50 s. 3000 m? for c 0.33 f 1000 s for c > 0.33 f measured at 500 vdc after 60 s, +23c max 12 a repetitive. max 20 a peak for occasional transients. the 100% screening factory test is carried out at 1800 vdc. the voltage level is selected to meet the requirements in applicable equipment standards. all electrical characteristics are checked after the test. recommended voltage 630 vdc. the average losses may reach 0.5 w provided the surface temperature does not exceed + 85c. for max. permitted power dissipation vs temperature, see derating curves. curve dimensions 1 b = 7.3 2 b = 7.6 3 b = 11.3 4 b = 15.3 pmr209 ? rc unit, class x 2, metallized paper with integrated resistor ? 0.047 C 0.47 f , 22 C 470 ? , 250 vac, +85 c typical applic ations construction technical data rc unit for use in dc and ac applications for: C contact protection C interference suppression of contacts C transient suppression single layer metallized paper. encapsulated and impregnated in self-extinguishing material meeting the requirements of ul 94v-0. the resistance in the metal layer is utilized as series resistance, integrated resistor. rated voltage capacitance range capacitance tolerance resistance range resistance tolerance peak pulse voltage t emperature range climatic category a pprovals s eries resistance i nsulation resistance pulse current t est voltage between terminals in dc applications power ratings v ibration iec 60068-2-6, test fc 3 directions at 2 hour each no visible damage, no open or short circuit 10 C 500 hz at 0.75 mm or 98 m/s 2 bump iec 60068-2-29, test eb 4000 bumps at 390 m/s 2 no visible damage, no open or short circuit s olderability iec 60068-2-20, test ta solder globule method wetting time for d 0.8 < 1 s for d > 0.8 < 1.5 s a ctive fammability en/iec 60384-14:2005 passive fammability en/iec 60384-14:2005 h umidity iec 60068-2-3, test ca +40c and 90 C 95% r.h. 56 days ? small dimensions ? excellent self-healing properties. ensures long life even when subjected to frequent overvoltages. ? high du/dt capability. ? self-extinguishing encapsulation. ? good resistance to ionisation due to impregnated dielectric. l h b p 0.5 l ? d l: standard: 30 +5/-0 mm (code r30) option 1: short leads, tolerance +0/-1 mm (standard 6 mm, code r06) other lead lengths on request option 2: 30 mm insulated solid leads, ordering code: replace r30 with r300ps in std p/n c r 40 t amb 50 60 70 80 85 c 0.5 p max w 0 1 2 3 maximum allowable power dissipation vs ambient temperature and case sizes. 4 d = 0.8 for p = 15.2 and 20.3 1.0 for p = 25.4 ? the impregnated paper ensures excellent stability giving outstanding reliability properties, especially in applications having continuous operation. environme ntal te st data statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applic ations, but are not intended to constitute and we specifically disclaim any warranty concerning suitabi lity for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice in ferred from this inform ation or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the ad vice given or results obtained.
8 evox rifa leaded film capacitors pmr209 ordering infor mation marking ? rifa ? rifa article code ? rc unit ? rated capacitance and resistance ? rated voltage ? x2 ? sh, for self-healing ? climatic category according to iec 60068-1, appendix a ? passive fammability class ? circuit diagram ? manufacturing code (year, month) approv als certifcation body specifcation enec en/iec 60384-14:2005 ul ul 1283 quantity per package capaci- resis- max dimensions in mm reel w eight article code tance tance r30 r06 taped f ? b h l p pcs pcs pcs g ar ticle table 0.047 47 7.3 13.0 18.5 15.2 400 800 400 3.0 pmr209mb5470m047r30 0.047 100 7.3 13.0 18.5 15.2 400 800 400 3.0 pmr209mb5470m100r30 0.10 22 7.6 14.0 24.0 20.3 250 1500 250 4.0 pmr209mc6100m022r30 0.10 33 7.6 14.0 24.0 20.3 250 1500 250 4.0 pmr209mc6100m033r30 0.10 47 7.6 14.0 24.0 20.3 250 1500 250 4.0 pmr209mc6100m047r30 0.10 68 7.6 14.0 24.0 20.3 250 1500 250 4.0 pmr209mc6100m068r30 0.10 100 7.6 14.0 24.0 20.3 250 1500 250 4.0 pmr209mc6100m100r30 0.10 150 11.3 16.5 24.0 20.3 150 1500 180 7.0 pmr209mc6100m150r30 0.10 220 11.3 16.5 24.0 20.3 150 1500 180 7.0 pmr209mc6100m220r30 0.10 330 11.3 16.5 24.0 20.3 150 1500 180 7.0 pmr209mc6100m330r30 0.10 470 11.3 16.5 24.0 20.3 150 1500 180 7.0 pmr209mc6100m470r30 0.22 22 11.3 16.5 24.0 20.3 150 1500 180 7.0 pmr209mc6220m022r30 0.22 33 11.3 16.5 24.0 20.3 150 1500 180 7.0 pmr209mc6220m033r30 0.22 47 11.3 16.5 24.0 20.3 150 1500 180 7.0 pmr209mc6220m047r30 0.22 68 11.3 16.5 24.0 20.3 150 1500 180 7.0 pmr209mc6220m068r30 0.22 100 11.3 16.5 24.0 20.3 150 1500 180 7.0 pmr209mc6220m100r30 0.22 150 11.3 16.5 24.0 20.3 150 1500 180 7.0 PMR209MC6220M150R30 0.22 220 11.3 16.5 24.0 20.3 150 1500 180 7.0 pmr209mc6220m220r30 0.22 330 12.1 19.0 30.5 25.4 100 800 10.0 pmr209me6220m330r30 0.22 470 15.3 22.0 30.5 25.4 75 600 15.0 pmr209me6220m470r30 0.47 33 15.3 22.0 30.5 25.4 75 600 15.0 pmr209me6470m033r30 0.47 47 15.3 22.0 30.5 25.4 75 600 15.0 pmr209me6470m047r30 0.47 68 15.3 22.0 30.5 25.4 75 600 15.0 pmr209me6470m068r30 0.47 100 15.3 22.0 30.5 25.4 75 600 15.0 pmr209me6470m100r30 0.47 150 15.3 22.0 30.5 25.4 75 600 15.0 pmr209me6470m150r30 0.47 220 15.3 22.0 30.5 25.4 75 600 15.0 pmr209me6470m220r30 the article code for the standard part is given in the article table. for other options, see page 11. statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applic ations, but are not intended to constitute and we specifically disclaim any warranty concerning suitabi lity for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice in ferred from this inform ation or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the ad vice given or results obtained.


▲Up To Search▲   

 
Price & Availability of PMR209MC6220M150R30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X